PART |
Description |
Maker |
LAN91C100-FD LAN91C100FDREVD LAN91C100FD |
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
|
SMSC[SMSC Corporation]
|
LAN91C96-MS LAN91C96-MU LAN91C96QFP LAN91C96TQFP L |
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
|
SMSC Corporation
|
LAN91C95 |
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
|
SMSC Corporation
|
AM79C961AKI AM79C961AKIW AM79C961AVC AM79C961AVCW |
PCnet⑩-ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices
|
AM79C961A AM79C961AKC AM79C961AKCW |
PCnet ?ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices
|
AM79C970A AM79C970AKCW AM79C970AVCW |
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
|
Advanced Micro Devices, Inc.
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
2832661 |
Ethernet Switch, 15 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in SC-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
2832603 |
Ethernet switch, 4 TP RJ45 ports, 3 FO ports, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), auto crossing function
|
PHOENIX CONTACT
|
RTL8208 |
2.5/3.3 V single chip octal 10/100MBPS fast ethernet transceiver REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
|
Realtek ETC N.A.
|